Part Number Hot Search : 
XN04111 30301 030CT FA2361U SZ50D0 RU60E16L LT300 F9N50
Product Description
Full Text Search
 

To Download SMBJ60A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
TVS Device Load Uni-Polar TVS Device Load
SMBJ5.0 . . . 170
Description
Mechanical Dimensions
4.06/4.60 Cathode 3.30/3.90 5.10/5/58 .11/.30 1.65/2.19 .01/.20 1.90/2.15
Package SMB
1.91/2.41
Uni-Polar
Features
n 600 WATT PEAK POWER PROTECTION n EXCELLENT CLAMPING CAPABILITY n FAST RESPONSE TIME n TYPICAL IR < 1A ABOVE 10V n GLASS PASSIVATED CHIP CONSTRUCTION n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25 O C. Maximum Ratings Peak Power Dissipation...PPK TP = 1mS (Note 5) Steady State Power Dissipation...PD @ TT = 75C (Note 2)
SMBJ5.0...170
Units
......................................... 600 Min. .......................................... ............................................. 5 ...............................................
Watts Watts Amps
............................................. 1 0 0 ............................................... Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Load Conditions, 8.3 mS, 1/2 Sine Wave, Single Phase (Note 3) Weight...GRM Soldering Requirements (Time & Temp)...ST @ 250C Operating & Storage Temperature Range...TJ, TSTRG NOTES: 1. 2. 3. 4. 5. ............................................. 0.12 ...............................................
Grams
............................................. 10 Sec. ........................................... Min. to Solder ......................................... -65 to 175 .......................................... C
For Bi-Directional Applications, Use C or CA. Electrical Characteristics Apply in Both Directions. Mounted on 8mm Copper Pads to Each Terminal. 8.3 mS, 1/2 Sine Wave, Single Phase Duty Cycle, @ 4 Pulses Per Minute Maximum. VBR Measured After It Applies for 300 uS. I T = Square Wave Pulse or Equivalent. Non-Repetitive Current Pulse. Per Fig. 3 and Derated Above TA = 25C per Fig. 2.
Page 10-40
Data Sheet
5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
Fig. 4 Typical Junction Capacitance
Fig. 1 Pulse Rating Curve
Non-Repetitive Pulse Waveform shown Fig. 3 TA = 25oC
Measured @ Zero Bias
Measured @ Standoff Voltage
Breakdown Voltage (Volts) Fig. 2 Pulse Derating Curve Steady State Power (Watts) Peak Pulse Percentage Fig. 5 Steady State Power Derating
TA = Ambient Temperature (C) Fig. 3 Pulse Waveform
tr = 10s
T L = Terminal Temperature (C) Fig. 6 Maximum Non-Repetitive Surge Current
8.3ms Single Half Sine Wave JEDEC Method
Peak Pulse Current
Peak Value IRSM
Pulse Width is defined as that point where the Peak Current decays to 50% of IRSM
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 HZ Resistive or Inductive Load.
Amps
T = Time ( ms)
Number of Cycles @ 60 Hz
For Capacitive Load, Derate Current by 20%.
Page 41
SMBJ5.0 . . . 170
pF
Data Sheet
5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
Working Maximum Peak Peak Reverse Pulse Reverse Leakage Current Voltage @ VRWM IPP (A) VRWM (V) IR (A) (Note 2) Maximum Maximum Clamping Temperature Case Voltage Coefficient Marking of VBR @ IPP VC (V) % / C
SMBJ5.0 . . . 170
DEVICE
Breakdown Voltage VBR Volts (Note 1) Min. Max. 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.00 10.00 11.10 11.10 12.20 12.20 13.30 13.30 14.40 14.40 15.60 15.60 16.70 16.70 17.80 17.80 18.90 18.90 20.00 20.00 22.20 22.20 24.40 24.40 26.70 26.70 28.90 28.90 7.55 7.25 8.45 7.67 9.14 8.30 9.86 8.95 10.67 9.58 11.30 10.20 11.90 10.80 12.60 11.50 11.50 13.50 15.40 14.00 16.90 15.30 18.20 16.50 19.80 17.90 21.10 19.20 22.60 20.50 23.90 21.70 25.30 25.30 28.10 25.50 30.90 28.00 33.80 30.70 36.60 33.20 @ IT (mA) 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00
SMBJ5.0 SMBJ5.0A SMBJ6.0 SMBJ6.0A SMBJ6.5 SMBJ6.5A SMBJ7.0 SMBJ7.0A SMBJ7.5 SMBJ7.5A SMBJ8.0 SMBJ8.0A SMBJ8.5 SMBJ8.5A SMBJ9.0 SMBJ9.0A SMBJ10 SMBJ10A SMBJ11 SMBJ11A SMBJ12 SMBJ12A SMBJ13 SMBJ13A SMBJ14 SMBJ14A SMBJ15 SMBJ15A SMBJ16 SMBJ16A SMBJ17 SMBJ17A SMBJ18 SMBJ18A SMBJ20 SMBJ20A SMBJ22 SMBJ22A SMBJ24 SMBJ24A SMBJ26 SMBJ26A
5.00 5.00 6.00 6.00 6.50 6.50 7.00 7.00 7.50 7.50 8.00 8.00 8.50 8.50 9.00 9.00 10.00 10.00 11.00 11.00 12.00 12.00 13.00 13.00 14.00 14.00 15.00 15.00 16.00 16.00 17.00 17.00 18.00 18.00 20.00 20.00 22.00 22.00 24.00 24.00 26.00 26.00
800 800 800 800 500 500 200 200 100 100 50.00 50.00 20.00 20.00 10.00 10.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00
62.50 65.20 52.60 58.30 48.70 53.60 45.10 50.00 42.00 46.50 40.00 44.10 37.70 41.70 35.50 39.00 31.90 35.30 29.90 33.00 27.30 30.20 25.20 27.90 23.30 25.80 22.30 24.00 20.80 23.10 19.70 21.70 18.60 20.50 16.70 18.50 15.20 16.90 14.00 15.40 12.40 14.20
9.60 9.20 11.40 10.30 12.30 11.20 13.30 12.00 14.30 12.90 15.00 13.60 15.90 14.40 16.90 15.40 18.80 17.00 20.10 18.20 22.00 19.90 23.80 21.50 25.80 23.20 26.90 24.40 28.80 26.00 30.50 27.60 32.20 29.20 35.80 32.40 39.40 35.50 43.00 38.90 46.60 42.10
0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.076 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102
KD KE KF KG KH KK KL KM KN KP KQ KR KS KT KU KV KW KX KY KZ LD LE LF LG LH LJ LK LM LN LP LQ LR LS LT LU LV LW LX LY LZ MD ME
Page 10-42
Data Sheet
5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
Working Maximum Peak Peak Pulse Reverse Reverse Leakage Current Voltage @ VRWM IPP (A) VRWM (V) IR (A) (Note 2) 28.00 28.00 30.00 30.00 33.00 33.00 36.00 36.00 40.00 40.00 43.00 43.00 45.00 45.00 48.00 48.00 51.00 51.00 54.00 54.00 58.00 58.00 60.00 60.00 64.00 64.00 70.00 70.00 75.00 75.00 78.00 78.00 85.00 85.00 90.00 90.00 100.00 100.00 110.00 110.00 120.00 120.00 130.00 130.00 150.00 150.00 160.00 160.00 170.00 170.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 12.00 13.20 11.20 12.40 10.20 11.30 9.30 10.30 8.40 9.30 7.80 8.60 7.50 8.30 7.00 7.70 6.60 7.30 6.20 6.90 5.80 6.40 5.60 6.20 5.30 5.80 4.80 5.30 4.50 4.90 4.30 4.70 3.90 4.40 3.80 4.10 3.40 3.70 3.00 3.40 2.80 3.10 2.60 2.90 2.20 2.50 2.10 2.30 2.00 2.00 Maximum Maximum Clamping Temperature Case Coefficient Voltage Marking of VBR @ IPP VC (V) % / C 50.10 45.40 53.50 48.40 59.00 53.30 64.30 58.10 71.40 64.50 76.70 69.40 80.30 72.70 85.50 77.40 91.10 82.40 96.30 87.10 103.00 93.60 107.00 96.80 114.00 103.00 125.00 113.00 134.00 121.00 139.00 126.00 151.00 137.00 160.00 146.00 179.00 162.00 196.00 177.00 214.00 193.00 231.00 209.00 268.00 243.00 287.00 259.00 304.00 275.00 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 MF MG MH MK ML MM MN MP MQ MR MS MT MU MV MW MX MY MZ ND NE NF NG NH NK NL NM NN NP NQ NR NS NT NU NV NW NX NY NZ PD PE PF PG PH PK PL PM PN PP PQ PR
DEVICE
Breakdown Voltage VBR Volts (Note 1) Min. Max. 31.10 31.10 33.30 33.30 36.70 36.70 40.00 40.00 44.40 44.40 47.80 47.80 50.00 50.00 53.30 53.30 56.70 56.70 60.00 60.00 64.40 64.40 66.70 66.70 71.10 71.10 77.80 77.80 83.30 83.30 86.70 86.70 94.40 94.40 100.00 100.00 111.00 111.00 122.00 122.00 133.00 133.00 144.00 144.00 167.00 167.00 178.00 178.00 189.00 189.00 39.40 35.80 42.20 38.30 46.50 42.20 50.70 46.00 56.30 51.10 60.50 54.90 63.30 57.50 67.50 61.30 71.80 65.20 76.00 69.00 81.60 74.10 84.50 76.70 90.10 81.80 98.60 89.50 105.70 95.80 109.90 99.70 119.20 108.20 126.50 115.50 141.00 128.00 154.50 140.50 169.00 153.00 182.50 165.50 211.50 192.50 226.00 205.00 239.50 217.50 @ IT (mA) 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00
SMBJ28 SMBJ28A SMBJ30 SMBJ30A SMBJ33 SMBJ33A SMBJ36 SMBJ36A SMBJ40 SMBJ40A SMBJ43 SMBJ43A SMBJ45 SMBJ45A SMBJ48 SMBJ48A SMBJ51 SMBJ51A SMBJ54 SMBJ54A SMBJ58 SMBJ58A SMBJ60 SMBJ60A SMBJ64 SMBJ64A SMBJ70 SMBJ70A SMBJ75 SMBJ75A SMBJ78 SMBJ78A SMBJ85 SMBJ85A SMBJ90 SMBJ90A SMBJ100 SMBJ100A SMBJ110 SMBJ110A SMBJ120 SMBJ120A SMBJ130 SMBJ130A SMBJ150 SMBJ150A SMBJ160 SMBJ160A SMBJ170 SMBJ170A
Page 10-43
SMBJ5.0 . . . 170


▲Up To Search▲   

 
Price & Availability of SMBJ60A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X